Part Number Hot Search : 
S3U7812 MAX63 L65610 SAA570 MC33163D DB1GB1WB MV53640 10004
Product Description
Full Text Search
 

To Download 1792880000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.81 mm (0.150 inch) | socket connectors, screw clamp connection, pitch 3.81 | bcz 3.81/180 | bcz 3.81/180 - 1 - general ordering data order no. 1792900000 part designation bcz 3.81/6/180 sn gn version pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 6, 180, box ean 4032248226986 qty. 50 pc(s). system parameters conductor connection system clamping yoke connection outgoing direction of conductor 180 pitch 3.81 mm pitch in inch 0.15 inch no. of poles 6 no. of rows 1 screwdriver blade 0.4 x 2.5 screwdriver blade standard din 5264 tightening torque, min. 0.2 tightening torque, max. 0.25 nm clamping screw m 2 stripping length 7 mm l1 in mm 19.05 mm l1 in inch 0.75 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 0470 safe from finger touch material data insulating material pa gf colour pale green colour chart similar to ral 6021 insulating material group ii flammability class ul 94 v-0 cti >= 475
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.81 mm (0.150 inch) | socket connectors, screw clamp connection, pitch 3.81 | bcz 3.81/180 | bcz 3.81/180 - 2 - material data contact base material copper alloy contact surface tinned connectable conductors clamping range, min. 0.08 mm2 clamping range, max. 1.5 mm2 awg, min. 28 awg, max. 16 solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 1.5 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 1.5 mm2 with wire end ferrule, acc. to din 46 228/1, min. 0.2 mm2 with wire end ferrule, acc. to din 46 228/1, max. 1.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.2 mm2 w. plastic collar ferrule, din 46228 pt 4, max. 1.5 mm2 gauge to en 60999 a x b; ? 2.4 mm x 1.5 mm ; 2.4 mm din iec rating data rated current, min. no. pins (tu=20c) 17.5 a rated current, max. no. pins (tu=20c) 17.5 a rated current, min. no. pins(tu=40c) 17.5 a rated current, max. no. pins (tu=40c) 15.2 a rated voltage for overvoltage class/pollution severity ii/2 320 v rated voltage for overvoltage class/pollution severity iii/2 160 v rated voltage for overvoltage class/pollution severity iii/3 160 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 2.5 kv short-time withstand current resistance 3 x 1s with 76 a csa rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor (field wiring), min. 28 awg conductor (field wiring), max. 16 ul 1059 rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor, min. 28 awg conductor, max. 16
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.81 mm (0.150 inch) | socket connectors, screw clamp connection, pitch 3.81 | bcz 3.81/180 | bcz 3.81/180 - 3 - approvals approvals institutes classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 27-26-07-01 eclass 5.0 27-26-07-01 eclass 5.1 27-26-07-04 similar products order no. part designation version 1940730000 bcz 3.81/02/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 2, 180, box 1792770000 bcz 3.81/2/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 2, 180, box 1792860000 bcz 3.81/2/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 2, 180, box 1940740000 bcz 3.81/3/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 3, 180, box 1792780000 bcz 3.81/3/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 3, 180, box 1792870000 bcz 3.81/3/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 3, 180, box 1940750000 bcz 3.81/4/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 4, 180, box 1792790000 bcz 3.81/4/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 4, 180, box 1792880000 bcz 3.81/4/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 4, 180, box 1940760000 bcz 3.81/5/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 5, 180, box 1792800000 bcz 3.81/5/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 5, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.81 mm (0.150 inch) | socket connectors, screw clamp connection, pitch 3.81 | bcz 3.81/180 | bcz 3.81/180 - 4 - 1792890000 bcz 3.81/5/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 5, 180, box 1940770000 bcz 3.81/6/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 6, 180, box 1792810000 bcz 3.81/6/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 6, 180, box 1940780000 bcz 3.81/7/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 7, 180, box 1871410000 bcz 3.81/7/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 7, 180, box 1871400000 bcz 3.81/7/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 7, 180, box 1940790000 bcz 3.81/8/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 8, 180, box 1792820000 bcz 3.81/8/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 8, 180, box 1792910000 bcz 3.81/8/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 8, 180, box 1940800000 bcz 3.81/9/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 9, 180, box 1871390000 bcz 3.81/9/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 9, 180, box 1871380000 bcz 3.81/9/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 9, 180, box 1940810000 bcz 3.81/10/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 10, 180, box 1792830000 bcz 3.81/10/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 10, 180, box 1792920000 bcz 3.81/10/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 10, 180, box 1940820000 bcz 3.81/11/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 11, 180, box 1899400000 bcz 3.81/11/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 11, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.81 mm (0.150 inch) | socket connectors, screw clamp connection, pitch 3.81 | bcz 3.81/180 | bcz 3.81/180 - 5 - 1899390000 bcz 3.81/11/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 11, 180, box 1940830000 bcz 3.81/12/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 12, 180, box 1792840000 bcz 3.81/12/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 12, 180, box 1792930000 bcz 3.81/12/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 12, 180, box 1940840000 bcz 3.81/13/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 13, 180, box 1899440000 bcz 3.81/13/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 13, 180, box 1899430000 bcz 3.81/13/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 13, 180, box 1940850000 bcz 3.81/14/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 14, 180, box 1899480000 bcz 3.81/14/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 14, 180, box 1899470000 bcz 3.81/14/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 14, 180, box 1940860000 bcz 3.81/15/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 15, 180, box 1899520000 bcz 3.81/15/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 15, 180, box 1899510000 bcz 3.81/15/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 15, 180, box 1940870000 bcz 3.81/16/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 16, 180, box 1792850000 bcz 3.81/16/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 16, 180, box 1792940000 bcz 3.81/16/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 16, 180, box 1940890000 bcz 3.81/17/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 17, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.81 mm (0.150 inch) | socket connectors, screw clamp connection, pitch 3.81 | bcz 3.81/180 | bcz 3.81/180 - 6 - 1940970000 bcz 3.81/17/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 17, 180, box 1940930000 bcz 3.81/17/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 17, 180, box 1940980000 bcz 3.81/18/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 18, 180, box 1940900000 bcz 3.81/18/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 18, 180, box 1940940000 bcz 3.81/18/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 18, 180, box 1940910000 bcz 3.81/19/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 19, 180, box 1940990000 bcz 3.81/19/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 19, 180, box 1940950000 bcz 3.81/19/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 19, 180, box 1940920000 bcz 3.81/20/180 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 20, 180, box 1941000000 bcz 3.81/20/180 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 20, 180, box 1940960000 bcz 3.81/20/180 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 20, 180, box


▲Up To Search▲   

 
Price & Availability of 1792880000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X